Part Number Hot Search : 
AD812 BZY97C10 WM5620L UZ5211 AD812 BD4148SE IXTA1 E1A22
Product Description
Full Text Search
 

To Download SSL1005M-85NMF-R39 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  note : specifications subject to change without notice. please check our website for latest information. superworld electronics (s) pte ltd pg. 1 08.04.2011 e 4. general specification : b) irms (a) : will cause coil temp. to rise approximately ? t=40c without core loss. a) operating temp. : -40 c to +125 c c) isat (a) : will cause l to drop approximately 20% d) part temperature (ambient + temp. rise) : shoul d not exceed 125 c under worst case operating conditions. 4.96 max. 2. configuration & dimensions : 7.0 max. 10.2 max. 0 3. schematic : b a c b a 85n 0939.39 3.05 0.25 6.35 0.25 1.52 0.25 2.03 0.25 2.49 0.25 i pcb pattern d ceg unit:m/m i h g h d g high current power inductors (e) s s l 1 0 0 5 m - r 1 0 m f - r 5 5 (c) (b) (d) (a) 1. part no. expression : ssl1005m series (g) dcr code (f) f : rohs compliant (e) tolerance code : m = 20% (g) (f) (d) inductance code (c) material code (a) series code (b) dimension code
superworld electronics (s) pte ltd ssl1005m series high current power inductors pg. 2 note : specifications subject to change without notice. please check our website for latest information. 08.04.2011 inductance l ( uh ) 0.085 20% 5. electrical characteristics : SSL1005M-85NMF-R39 ssl1005m-r12mf-r39 ssl1005m-r10mf-r39 part no. 31 0.25v/1m 31 31 freq. test 0 irms max. ( a ) 0.39 70 52 0.39 70 0.39 dcr isat max. ( a ) ( m  ) 9.4% 0.100 20% 0.120 20% ( hz ) 0.25v/1m 0.25v/1m ssl1005m-r22mf-r39 ssl1005m-r15mf-r39 0.25v/1m 0.25v/1m 0.220 20% 0.155 20% 0.39 0.39 33 25 31 40 0 15304560 dc current(a) 0 0.04 0.08 0.12 0.16 in d u c t a n c e (uh) 0 10 20 30 40 50 60 70 80 temp. ri se( o c) slpi1005m-85nm-r39 SSL1005M-85NMF-R39 0 1224364860 dc curre nt (a) 0 0.05 0.1 0.15 0.2 inductance (uh) 0 10 20 30 40 50 60 70 80 temp. rise( o c) slpi1005m-r10m-r39 ssl1005m-r10mf-r39 013263952 dc current (a) 0 0.05 0.1 0.15 0.2 inductance (uh) 0 10 20 30 40 50 60 70 80 temp. rise( o c) slpi1005m-r12m-r39 ssl1005m-r12mf-r39 0 11.5 23 34.5 dc current (a) 0 0.06 0.12 0.18 0.24 0.3 inductance (uh) 0 10 20 30 40 50 60 70 80 temp. rise( o c) sl pi1 00 5m-r 15m -r3 9 ssl1005m-r15mf-r39 40 31 0.55 0.25v/1m 0.155 20% ssl1005m-r15mf-r55 ssl1005m-r22mf-r55 0.220 20% 0.25v/1m 0.55 25 33 ssl1005m-85nmf-r55 ssl1005m-r12mf-r55 ssl1005m-r10mf-r55 0.25v/1m 0.085 20% 0.100 20% 0.120 20% 0.25v/1m 0.25v/1m 70 31 0.55 0.55 31 0.55 31 52 70 6. characteristics curves :
superworld electronics (s) pte ltd note : specifications subject to change without notice. please check our website for latest information. pg. 3 08.04.2011 6. characteristics curves : high current power inductors ssl1005m series 0 8.25 16. 5 24.75 33 dc current (a) 0 0.1 0.2 0.3 0.4 inductance (uh) 0 10 20 30 40 50 60 70 80 temp. rise( o c) slpi1005m-r22m-r39 ssl1005m-r22mf-r39 015304560 dc current (a) 0 0.04 0.08 0.12 0.16 inductance (uh) 0 10 20 30 40 50 60 70 80 temp. rise( o c) slpi1005m-85nm-r55 ssl1005m-85nmf-r55 015304560 dc current(a) 0 0.05 0.1 0.15 0.2 inductance (uh) 0 10 20 30 40 50 60 70 80 temp. rise( o c) slpi1005m-r10m-r 55 ssl1005m-r10mf-r55 0 1122334455 dc current (a) 0 0.05 0.1 0.15 0.2 inductance (uh) 0 10 20 30 40 50 60 70 80 temp. rise( o c) slpi1005m-r12m-r55 ssl1005m-r12mf-r55 0 10203040 dc current(a) 0 0.06 0.12 0.18 0.24 0.3 inductance (uh) 0 10 20 30 40 50 60 70 80 temp. rise( o c) slpi1005m-r15m-r55 ssl1005m-r15mf-r55 0 8.25 16.5 24.75 33 dc current (a) 0 0.1 0.2 0.3 0.4 inductance (uh) 0 10 20 30 40 50 60 70 80 temp. rise( o c) slpi1005m-r22m-r55 ssl1005m-r22mf-r55
note : specifications subject to change without notice. please check our website for latest information. superworld electronics (s) pte ltd pg. 4 08.04.2011 7. reliability and test condition : performance should be covered with solder. more than 90% of the terminal electrode refer to standard electrical characteristics list 60 seconds 60 seconds preheating 1. appearance : no significant abnormality 2. inductance change : within 20% of initial value preheating no disconnection or short circuit. 2. inductance : within 20% of initial value. 1. appearance : no damage no disconnection or short circuit. 2. inductance : within 20% of initial value. 1. appearance : no damage reliability test humidity resistance life test life test high temperature low temperature thermal shock solderability test solder heat resistance 150 c 260 c 150 c 245 c inductance dcr heat rated current (irms) saturation current (isat) mechanical performance test electrical characteristics test item temperature : 40 5 c time : 500 12 hours applied current : rated current humidity : 90% to 95% recovery : 4 to 24hrs of recovery under the standard recovery : 4 to 24hrs of recovery under the standard temperature : 125 5 c temperature : -40 5 c time : 500 12 hours time : 500 12 hours -25 3 85 3 conditions of 1 cycle. room temperature room temperature temperature ( c) recovery : 4 to 24hrs of recovery under the standard recovery : 4 to 24hrs of recovery under the standard 2 total : 5 cycles 4 3 step 1 within 3 within 3 30 3 times (min.) 30 3 preheat : 150 c, 60sec. solder : sn-ag3.0-cu0.5 dip time : 10 0.5sec. flux : rosin solder temperature : 260 5 c 10 0.5 seconds dipping cooling natural 5 0.5 seconds dipping cooling natural test condition isat(a) will cause lo to drop approximately 20% hioki3540 hp4284a approximately ? t=40c without core loss irms(a) will cause the coil temperature rise solder bath at 245 5 c for 5 secs after fluxing, component shall be dipped in a melted condition after the removal from test chamber. condition after the removal from test chamber. condition after the removal from test chamber. condition after the removal from test chamber. random vibration test appearance : cracking, chipping and any other directions (total 6 hours). directions and times : x, y, z directions for 2 hours. a period of 2 hours in each of 3 mutually perpendicular amplitude : 1.52mm frequency : 10-55-10hz for 1 min. defects harmful to the characteristics should not be allowed. high current power inductors ssl1005m series
superworld electronics (s) pte ltd note : specifications subject to change without notice. please check our website for latest information. pg. 5 08.04.2011 b) 280 c tip temperature (max) e) use a 20 watt soldering iron with tip diameter of 1.0mm f) limit soldering time to 3 secs. d) 1.0mm tip diameter (max) c) never contact the ceramic with the iron tip wave and re-flow soldering systems. if hand soldering cannot be avoided, the preferred technique is the utilization of hot by the difference in coefficients of expansion between solder, chip and substrate. our terminations are suitable for all mildly activated rosin fluxes are preferred. the minimu m amount of solder can lead to damage from the stresses caused recommended temperature profiles for re-flow soldering in figure 1. products attachment with soldering iron is discouraged due to the inherent process control limitations. in the event that a soldering iron must be employed the following precautions are recommended. 8-2.1 solder re-flow : air soldering tools. a) preheat circuit and products to 150 c. 8-2.2 soldering iron (figure 2) : note : 8-1. recommended pc board pattern h 8. soldering and mounting : 8-2. soldering i g g 2.03 0.25 g 3.05 0.25 6.35 0.25 hi unit:m/m temperature c temperature c figure 1. re-flow soldering 20~40s max. preheating 60~180s 150 natural soldering cooling over 1min. figure 2. iron soldering within 3secs. gradual cooling natural preheating soldering 150 350 300 cooling 200 217 tp(260 c/10s max.) 480s max. 60~150s time(sec.) high current power inductors ssl1005m series 25
superworld electronics (s) pte ltd note : specifications subject to change without notice. please check our website for latest information. pg. 6 08.04.2011 inner box carton 1800 7200 chip / reel size 900 ssl1005m 9. packaging information : a c(mm) 13.5 0.5 9-3 packaging quantity a(mm) 24.0 0.5 type 13" x 24mm b(mm) 75 2 d(mm) 330 embossed carrier ?c 2.0 0.5 d 9-1. reel dimension b cover tape t(mm) 0.40 0.05 2.0 0.1 ?1.5+0.1 4.0 0.1 p 0.15 min series ssl1005m 7.2 0.1 ao(mm) 10.8 0.1 bo(mm) ao 24.0 0.3 w(mm) 12.0 0.1 p(mm) 5.2 0.1 ko(mm) 9-2 tape dimension 1.75 0.1 t ko bo w high current power inductors ssl1005m series
superworld electronics (s) pte ltd note : specifications subject to change without notice. please check our website for latest information. pg. 7 08.04.2011 860~1060 (hpa) room atm a) products should be handled with care to avoid damage or contamination from perspiration and skin oils. in the arrow direction under the following conditions. the force for tearing off cover tape is 10 to 130 grams application notice 2. transportation : c) bulk handling should ensure that abrasion and mechanical shock are minimized. b) the use of tweezers or vacuum pick up is strongly recommended for individual components. c) the packaging material should be kept where no chlorine or sulfur exists in the air. b) recommended products should be used within 6 months from the time of delivery. a) temperature and humidity conditions : less than 40 c and 70% rh. to maintain the solderabililty of terminal electrodes : 1. storage conditions : 9-4. tearing off force top cover tape base tape 1 6 5 t o 1 8 0 f 45~85 5~35 room temp. ( c) room humidity (%) 300 (mm/min) tearing speed (referenced ansi/eia-481-c- 2003 of 4.11 st andard) high current power inductors ssl1005m series


▲Up To Search▲   

 
Price & Availability of SSL1005M-85NMF-R39

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X